Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29947AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29947AI
Description  2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29947AI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY29947AI Datasheet HTML 1Page - Cypress Semiconductor CY29947AI Datasheet HTML 2Page - Cypress Semiconductor CY29947AI Datasheet HTML 3Page - Cypress Semiconductor CY29947AI Datasheet HTML 4Page - Cypress Semiconductor CY29947AI Datasheet HTML 5Page - Cypress Semiconductor CY29947AI Datasheet HTML 6Page - Cypress Semiconductor CY29947AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY29947
Document #: 38-07287 Rev. *C
Page 6 of 7
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
All product and company names mentioned in this document may be the trademarks of their respective holders.
Ordering Information
Part Number
Package Type
Production Flow
CY29947AI
32 Pin TQFP
Industrial, –40°C to +85°C
CY29947AIT
32 Pin TQFP - Tape and Reel
Industrial, –40°C to +85°C
CY29947AC
32 Pin TQFP
Commercial, 0°C to +70°C
CY29947ACT
32 Pin TQFP - Tape and Reel
Commercial, 0°C to +70°C
32-Lead Thin Plastic Quad Flatpack 7 x 7 x 1.0mm A32
51-85063-*B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com