Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29947AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29947AI
Description  2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29947AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29947AI Datasheet HTML 1Page - Cypress Semiconductor CY29947AI Datasheet HTML 2Page - Cypress Semiconductor CY29947AI Datasheet HTML 3Page - Cypress Semiconductor CY29947AI Datasheet HTML 4Page - Cypress Semiconductor CY29947AI Datasheet HTML 5Page - Cypress Semiconductor CY29947AI Datasheet HTML 6Page - Cypress Semiconductor CY29947AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY29947
Document #: 38-07287 Rev. *C
Page 2 of 7
Note:
1.
PD = internal pull-down, PU = internal pull-up.
Output Enable/Disable
The CY29947 features a control input to enable or disable the
outputs. This data is latched on the falling edge of the input
clock. When SYNC_OE is asserted LOW, the outputs are dis-
abled in a LOW state. When SYNC_OE is set HIGH, the out-
puts are enabled as shown in Figure 1.
Pin Description[1]
Pin
Name
PWR
I/O
Description
3TCLK0
I, PU
Test Clock Input
4TCLK1
I, PU
Test Clock Input
2
TCLK_SEL
I, PU
Test Clock Select Input. When LOW, TCLK0 is selected. When assert-
ed HIGH, TCLK1 is selected.
11, 13, 15, 19,
21, 23, 26, 28,
30
Q(8:0)
VDDC
O
Clock Outputs
5
SYNC_OE
I, PU
Output Enable Input. When asserted HIGH, the outputs are enabled
and when set LOW the outputs are disabled in a LOW state.
6
TS#
I, PU
Three-state Control Input. When asserted LOW, the output buffers are
three-stated. When set HIGH, the output buffers are enabled.
10, 14, 18, 22,
27, 31
VDDC
3.3V or 2.5V Power Supply for Output Clock Buffers
7VDD
3.3V or 2.5V Power Supply
1, 8, 9, 12, 16,
17, 20, 24, 25,
29, 32
VSS
Common Ground
TCLK
SYNC_OE
Q
Figure 1. SYNC_OE Timing Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com