Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29947AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29947AI
Description  2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29947AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29947AI Datasheet HTML 1Page - Cypress Semiconductor CY29947AI Datasheet HTML 2Page - Cypress Semiconductor CY29947AI Datasheet HTML 3Page - Cypress Semiconductor CY29947AI Datasheet HTML 4Page - Cypress Semiconductor CY29947AI Datasheet HTML 5Page - Cypress Semiconductor CY29947AI Datasheet HTML 6Page - Cypress Semiconductor CY29947AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY29947
Document #: 38-07287 Rev. *C
Page 3 of 7
Maximum Ratings [2]
Maximum Input Voltage Relative to VSS: ............. VSS – 0.3V
Maximum Input Voltage Relative to VDD:............. VDD + 0.3V
Storage Temperature: ................................ –65°C to + 150°C
Operating Temperature: ................................ –40°C to +85°C
Maximum ESD protection ................................................ 2kV
Maximum Power Supply: ................................................5.5V
Maximum Input Current: ............................................±20 mA
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any volt-
age higher than the maximum rated voltages to this circuit. For
proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD
Unused inputs must always be tied to an appropriate logic volt-
age level (either VSS or VDD).
Notes:
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3.
Inputs have pull-up/pull-down resistors that effect input current.
4.
Driving series or parallel terminated 50
Ω (or 50Ω to V
DD/2) transmission lines.
DC Parameters: VDD = VDDC = 3.3V ±10% or 2.5V ±5%, Over the specified temperature range
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
VSS
0.8
V
VIH
Input High Voltage
2.0
VDD
V
IIL
Input Low Current[3]
–100
µA
IIH
Input High Current[3]
10
µA
VOL
Output Low Voltage[4]
IOL = 20 mA
0.4
V
VOH
Output High Voltage[4]
IOH = –20 mA, VDD = 3.3V
2.5
V
IOH = –20 mA, VDD = 2.5V
1.8
IDDQ
Quiescent Supply
Current
57
mA
IDD
Dynamic Supply
Current
VDD = 3.3V, Outputs @ 100 MHz,
CL = 30 pF
120
mA
VDD = 3.3V, Outputs @ 160 MHz,
CL = 30 pF
200
VDD = 2.5V, Outputs @ 100 MHz,
CL = 30 pF
85
VDD = 2.5V, Outputs @ 160 MHz,
CL = 30 pF
140
Zout
Output Impedance
VDD = 3.3V
12
15
18
Ω
VDD = 2.5V
14
18
22
Cin
Input Capacitance
4
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com