Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29947AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29947AI
Description  2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29947AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29947AI Datasheet HTML 1Page - Cypress Semiconductor CY29947AI Datasheet HTML 2Page - Cypress Semiconductor CY29947AI Datasheet HTML 3Page - Cypress Semiconductor CY29947AI Datasheet HTML 4Page - Cypress Semiconductor CY29947AI Datasheet HTML 5Page - Cypress Semiconductor CY29947AI Datasheet HTML 6Page - Cypress Semiconductor CY29947AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29947
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07287 Rev. *C
Revised December 22, 2002
47
Features
• 2.5V or 3.3V operation
• 200-MHz clock support
• LVCMOS-/LVTTL-compatible inputs
• 9 clock outputs: drive up to 18 clock lines
• Synchronous Output Enable
• Output three-state control
• 250 ps max. output-to-output skew
• Pin compatible with MPC947, MPC9447
• Available in Industrial and Commercial temp. range
• 32-pin TQFP package
Description
The CY29947 is a low-voltage 200-MHz clock distribution buff-
er with the capability to select one of two LVCMOS/LVTTL
compatible clock inputs. The two clock sources can be used
to provide for a test clock as well as the primary system clock.
All other control inputs are LVCMOS/LVTTL compatible. The 9
outputs are LVCMOS or LVTTL compatible and can drive 50
Ω
series or parallel terminated transmission lines.For series ter-
minated transmission lines, each output can drive one or two
traces giving the device an effective fanout of 1:18. The out-
puts can also be three-stated via the three-state input TS#.
Low output-to-output skews make the CY29947 an ideal clock
distribution buffer for nested clock trees in the most demand-
ing of synchronous systems.
The CY29947 also provides a synchronous output enable in-
put for enabling or disabling the output clocks. Since this input
is internally synchronized to the input clock, potential output
glitching or runt pulse generation is eliminated.
Block Diagram
Pin Configuration
0
1
TCLK1
TCLK_SEL
SYNC_OE
TS#
VDD
VDDC
9
Q0-Q8
TCLK0
CY29947
VSS
Q3
VDDC
Q4
VSS
Q5
VDDC
VSS
VSS
TCLK_SEL
TCLK0
TCLK1
SYNC_OE
TS#
VDD
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY29947AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
392Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - CY29947AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949 CYPRESS-CY29949 Datasheet
111Kb / 7P
2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com