Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-47C1SW Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTC-47C1SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-47C1SW Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTC-47C1SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-47C1SW
PAGE:
3 of 7
BNS-OD-C131/A4
PACKAGE DIMENSIONS
NOTES:
1. All dimensions are in millimeters. Tolerances are  0.25 mm unless otherwise noted.
2. Pin tip’s shift tolerance is +/-0.25 mm.
3. Details Z: The spacer allow to slip out +/- 0.5 mm
4. Recommend the best pcb hole :diameter 0.9mm.
5. Foreign material on segment ≦10mils
6. Ink contamination (surface) ≦20mils
7. Bending≦1% of reflector length
8. Bubble in segment ≦10mils
9. Use hardness pin only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com