Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-47C1SW Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTC-47C1SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-47C1SW Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTC-47C1SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-47C1SW
PAGE:
2 of 7
BNS-OD-C131/A4
FEATURES
*0.4 inch (10.16 mm) DIGIT HEIGHT
*CONTINUOUS UNIFORM SEGMENTS
*LOW POWER REQUIREMENT
*EXCELLENT CHARACTERS APPEARANE
*HIGH BRIGHTNESS & HIGH CONTRAST
*WIDE VIEWING ANGLE
*SOLID STATE RELIABILITY
*LEAD-FREE PACKAGE (ACCORDING TO ROHS)
DESCRIPTION
The LTC-47C1SW is a 0.4 inch (10.16 mm) digit height
quadruple digit seven-segment display. The device uses InGaN
white SMD chips (InGaN on Sapphire substrate). The device has
a black face and white segments.
DEVICE
PART NO.
DESCRIPTION
InGaN WHITE
MULTIPLEX
COMMON CATHODE
LTC-47C1SW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com