Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-47C1SW Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTC-47C1SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-47C1SW Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTC-47C1SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON DCC
RELEASE
LITE-ON Technology Corp. / Optoelectronics
No.90,Chien 1 Road, Chung Ho, New Taipei City 23585, Taiwan, R.O.C.
Tel: 886-2-2222-6181 Fax: 886-2-2221-1948 / 886-2-2221-0660
http://www.liteon.com/opto
LED Display
Product Data Sheet
LTC-47C1SW
Spec No.: DS30-2012-0028
Effective Date: 01/14/2014
Revision: C
BNS-OD-FC001/A4
BNS-OD-FC001/A4
BNS-OD-FC001/A4
BNS-OD-FC001/A4


Similar Part No. - LTC-47C1SW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JF LITEON-LTC-4724JF Datasheet
140Kb / 5P
0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4724JR LITEON-LTC-4724JR Datasheet
140Kb / 5P
The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR1 LITEON-LTC-4724JR1 Datasheet
140Kb / 5P
The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR2 LITEON-LTC-4724JR2 Datasheet
140Kb / 5P
The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR3 LITEON-LTC-4724JR3 Datasheet
140Kb / 5P
The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
More results

Similar Description - LTC-47C1SW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
LED Display
LTS-5301AP LITEON-LTS-5301AP Datasheet
345Kb / 6P
LED Display
LTS-6960HR LITEON-LTS-6960HR Datasheet
346Kb / 6P
LED Display
LTP-14158AG LITEON-LTP-14158AG Datasheet
437Kb / 6P
LED Display
LTP-14858AA LITEON-LTP-14858AA Datasheet
415Kb / 6P
LED Display
LTS-4301JR LITEON-LTS-4301JR Datasheet
355Kb / 6P
LED Display
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com