Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-47C1SW Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTC-47C1SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-47C1SW Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTC-47C1SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-47C1SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-47C1SW
PAGE:
6 of 7
BNS-OD-C131/A4
CHIP LED HUE BIN LIST:
Hue Spec. Table
Hue Bin
Color bin limits at IF = 5mA
CIE 1931Chromaticity coordinates
S1-2
x
0.284
0.284
0.294
0.294
y
0.240
0.272
0.286
0.254
S2-2
x
0.284
0.284
0.294
0.294
y
0.272
0.305
0.319
0.286
S3-1
x
0.294
0.294
0.304
0.304
y
0.254
0.286
0.300
0.268
S3-2
x
0.304
0.304
0.314
0.314
y
0.268
0.300
0.315
0.282
S4-1
x
0.294
0.294
0.304
0.304
y
0.286
0.319
0.333
0.300
S4-2
x
0.304
0.304
0.314
0.314
y
0.300
0.333
0.347
0.315
S5-1
x
0.314
0.314
0.324
0.324
y
0.282
0.315
0.329
0.296
S6-1
x
0.314
0.314
0.324
0.324
y
0.315
0.347
0.361
0.329
Tolerance on each Hue (x, y) bin is +/- 0.01.
C.I.E. 1931 Chromaticity Diagram
0.2
0.225
0.25
0.275
0.3
0.325
0.35
0.375
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33
x
S1-2
S2-2
S3-1
S3-2
S4-1
S4-2
S5-1
S6-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com