Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments LPV821 Datasheet HTML 15Page - Texas Instruments LPV821 Datasheet HTML 16Page - Texas Instruments LPV821 Datasheet HTML 17Page - Texas Instruments LPV821 Datasheet HTML 18Page - Texas Instruments LPV821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LOAD
V Supply
load
Current
+
VOUT
Vcc
Rshunt
R1
R3
+
Vshunt
R4
+
Vcc
R2
Vcc
LPV821
R5
R6
Vbias
LPV821
To ADC REF
input
15
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LPV821 is a unity-gain stable, precision operational amplifier with very low offset voltage drift; the device is
also free from output phase reversal. Applications with noisy or high-impedance power supplies require
decoupling capacitors close to the device power-supply pins. In most cases, 0.1-μF capacitors are adequate.
9.2 Typical Applications
9.2.1
Low-Side Current Measurement
This single-supply, low-side, current-sensing solution shown in Figure 40 detects load currents up to 1 A. This
design uses the LPV821 because of its low offset voltage and rail-to-rail input and output. The LPV821 in the
main signal path is configured as a difference amplifier and a second LPV821 provides a buffered bias voltage to
allow transition of signal below and above the bias level for bi-direction current sensing. The low offset voltage
and offset drift of the LPV821 facilitate excellent dc accuracy for the circuit.
Figure 40. Low-Side Current Measurement
9.2.1.1 Design Requirements
The design requirements are as follows:
•
Supply Voltage: 3.3 V DC
•
Input: 1 A (Max)
•
Output: 1.65V ± 1.54 V ; (110 mV to 3.19 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com