Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Output Sinking Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
Output Sinking Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
1 s/div
Nois
1 s/div
Nois
Frequency (Hz)
40
50
60
70
80
90
100
110
120
130
140
10
100
1k
10k
100k
SNOS
Zout (k:) at 1.8V
Zout (k:) at 3.3V
Frequency (Hz)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
100m
1
10
100
1k
10k
100k
SNOS
10
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, VCM = VOUT = VS/2, CL = 20 pF, and RL≥ 10 MΩ, unless otherwise noted.
VS = 3.3 V and 1.8 V
Figure 25. Open Loop Output Impedance
Figure 26. Voltage Noise Spectral Density vs Frequency
VS = 3.3 V
Figure 27. 0.1-Hz to 10-Hz Noise, Vs = 3.3 V
VS = 1.8 V
Figure 28. 0.1-Hz to 10-Hz Noise, Vs = 1.8 V
VS = 1.8 V
TA = –40, 25, 125°C
Figure 29. Output Swing vs. Sinking Current, 1.8 V
VS = 3.3 V
TA = –40, 25, 125°C
Figure 30. Output Swing vs. Sinking Current, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com