Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments LPV821 Datasheet HTML 15Page - Texas Instruments LPV821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Notch FLT
OSC & Freq.
Divider
POR
gm1
gm4
gm2
gm3
Bias
+IN
-IN
Chop1
Chop2
AVDD
AVSS
OUT
AVSS
AVDD
(AVDD)
V+
(AVSS)
V-
12
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LPV821 is a zero-drift, nanopower, rail-to-rail input and output operational amplifier. The device operates
from 1.7 V to 3.7 V, is unity-gain stable, and is suitable for a wide range of general-purpose applications. The
zero-drift architecture provides ultra low offset voltage and near-zero offset voltage drift.
8.2 Functional Block Diagram
8.3 Feature Description
The LPV821 is unity-gain stable and uses an auto-calibration technique to provide low offset voltage and very
low drift over time and temperature. For lowest offset voltage and precision performance, optimize circuit layout
and mechanical conditions. Avoid temperature gradients that create thermoelectric (Seebeck) effects in the
thermocouple junctions formed from connecting dissimilar conductors. Cancel these thermally-generated
potentials by assuring they are equal on both input terminals. Other layout and design considerations include:
•
Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
•
Thermally isolate components from power supplies or other heat sources.
•
Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Following these guidelines reduces the likelihood of junctions being at different temperatures, which can
cause thermoelectric voltages of 0.1 μV/°C or higher, depending on materials used.
8.3.1 Operating Voltage
The LPV821 operational amplifier operates over a power-supply range of 1.7 V to 3.6 V (±0.85 V to ± 1.8 V).
Parameters that vary over supply voltage or temperature are shown in the Typical Characteristics section.
CAUTION
Supply voltages higher than 4 V (absolute maximum) can permanently damage the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com