Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 2 Page - Texas Instruments

  LPV821 Datasheet HTML 1Page - Texas Instruments LPV821 Datasheet HTML 2Page - Texas Instruments LPV821 Datasheet HTML 3Page - Texas Instruments LPV821 Datasheet HTML 4Page - Texas Instruments LPV821 Datasheet HTML 5Page - Texas Instruments LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 6
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Applications ............................................... 15
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 17
12
Device and Documentation Support ................. 18
12.1
Device Support...................................................... 18
12.2
Related Links ........................................................ 18
12.3
Receiving Notification of Documentation Updates 18
12.4
Community Resources.......................................... 18
12.5
Trademarks ........................................................... 18
12.6
Electrostatic Discharge Caution ............................ 18
12.7
Glossary ................................................................ 18
13
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
Changes from Original (August 2017) to Revision A
Page
•
Changed Advanced Information to Production Data Release................................................................................................ 1
5 Description (continued)
The LPV821 amplifier also features an input stage with rail-to-rail input common mode range and an output stage
that swings within 12 mV of the rails, maintaining the widest dynamic range possible. The device is EMI
hardened to reduce system sensitivity to unwanted RF signals from mobile phones, WiFi, radio transmitters, and
tag readers.
The LPV821 zero-drift amplifier operates with a single supply voltage as low as 1.7V, ensuring continuous
performance in low battery situations over the extended temperature range of -40ºC to 125ºC. The LPV821
(single) is available in industry standard 5-pin SOT-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com