Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS032G Datasheet(PDF) 6 Page - International Rectifier

Part # IPS032G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS032G Datasheet(HTML) 6 Page - International Rectifier

Back Button IPS032G Datasheet HTML 2Page - International Rectifier IPS032G Datasheet HTML 3Page - International Rectifier IPS032G Datasheet HTML 4Page - International Rectifier IPS032G Datasheet HTML 5Page - International Rectifier IPS032G Datasheet HTML 6Page - International Rectifier IPS032G Datasheet HTML 7Page - International Rectifier IPS032G Datasheet HTML 8Page - International Rectifier IPS032G Datasheet HTML 9Page - International Rectifier IPS032G Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IPS031G/IPS032G
6
www.irf.com
Figure 6 - Normalised Rds ON (%) Vs Tj (oC)
Figure 5 - Rds ON (m
Ω) Vs Input Voltage (V)
All curves are typical values with standard footprints. Operating in the shaded area is not recommended.
0
10
20
30
40
50
60
70
80
90
100
012
3456
78
Tj = 150
oC
Tj = 25
oC
Figure 8 - Turn-OFF Delay Time & Fall Time (us)
Vs Input Voltage (V)
Figure 7 - Turn-ON Delay Time, Rise Time &
Time to 130% final Rds(on) (us) Vs Input Voltage
(V)
0
1
2
3
4
5
6
7
8
9
10
01
23
456
78
ton delay
rise tim e
130% final rdson
0
1
2
3
4
5
6
7
8
9
10
01
2345
678
toff delay
fall tim e
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
-50 -25
0
25
50
75 100 125 150 175



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com