Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS032G Datasheet(PDF) 9 Page - International Rectifier

Part # IPS032G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS032G Datasheet(HTML) 9 Page - International Rectifier

Back Button IPS032G Datasheet HTML 3Page - International Rectifier IPS032G Datasheet HTML 4Page - International Rectifier IPS032G Datasheet HTML 5Page - International Rectifier IPS032G Datasheet HTML 6Page - International Rectifier IPS032G Datasheet HTML 7Page - International Rectifier IPS032G Datasheet HTML 8Page - International Rectifier IPS032G Datasheet HTML 9Page - International Rectifier IPS032G Datasheet HTML 10Page - International Rectifier IPS032G Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IPS031G/IPS032G
www.irf.com
9
Figure 16a - Transient Thermal Imped. (oC/W)
Vs Time (s) - IPS031G
0.0 1
0.1
1
10
10 0
rth SO8 std footprint
Single pulse
Figure 16b - Transient Thermal Imped. (oC/W)
Vs Time (s) - IPS032G
0.01
0.1
1
10
100
rth SO16 std footprint 1
mosfet active
rth SO16 std footprint 2
mosfets active
Single pulse
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100 125 150
Iin,on
Iin,off
Figure 17 - Input current (
µA) Vs Tj (oC)
80%
85%
90%
95%
100%
105%
110%
115%
120%
-50 -25
0
25
50
75 100 125 150
Vds clam p @ Isd
Vin clam p @ 10m A
Figure 18 - Vin clamp and V clamp2 (%)
Vs Tj (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com