Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS032G Datasheet(PDF) 10 Page - International Rectifier

Part # IPS032G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS032G Datasheet(HTML) 10 Page - International Rectifier

Back Button IPS032G Datasheet HTML 3Page - International Rectifier IPS032G Datasheet HTML 4Page - International Rectifier IPS032G Datasheet HTML 5Page - International Rectifier IPS032G Datasheet HTML 6Page - International Rectifier IPS032G Datasheet HTML 7Page - International Rectifier IPS032G Datasheet HTML 8Page - International Rectifier IPS032G Datasheet HTML 9Page - International Rectifier IPS032G Datasheet HTML 10Page - International Rectifier IPS032G Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IPS031G/IPS032G
10
www.irf.com
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100 125 150
Treset
rise tim e
fall tim e
Figure 19 - Turn-on, Turn-off, and Treset
KI
Vs Tj (oC)
01-6027
01-0021 11 (MS-012AA)
8-Lead SOIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
4
3
12
4. OUT LINE CONF ORMS T O JEDEC OUTLINE MS-012AA.
NOT ES:
1. DIMENS IONING & T OLERANCING PE R ASME Y14.5M-1994.
2. CONT ROLLING DIMENSION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIME TE RS [INCHES].
7
K x 45°
8X L
8X c
y
FOOT PRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
5 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS.
MOLD PROTRUSIONS NOT T O E XCEED 0.25 [.010].
7 DIMENSION IS T HE LE NGTH OF LEAD FOR SOLDE RING TO
A SUBS TRAT E.
MOLD PROTRUSIONS NOT T O E XCEED 0.15 [.006].
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
0°
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
8°
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
0°
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMET ERS
INCHES
MIN
MAX
DIM
8°
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 BAS IC
Case Outlines



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com