Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS032G Datasheet(PDF) 1 Page - International Rectifier

Part # IPS032G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS032G Datasheet(HTML) 1 Page - International Rectifier

  IPS032G Datasheet HTML 1Page - International Rectifier IPS032G Datasheet HTML 2Page - International Rectifier IPS032G Datasheet HTML 3Page - International Rectifier IPS032G Datasheet HTML 4Page - International Rectifier IPS032G Datasheet HTML 5Page - International Rectifier IPS032G Datasheet HTML 6Page - International Rectifier IPS032G Datasheet HTML 7Page - International Rectifier IPS032G Datasheet HTML 8Page - International Rectifier IPS032G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Over temperature shutdown
• Over current shutdown
• Active clamp
• Low current & logic level input
• E.S.D protection
IPS031G/IPS032G
SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
Data Sheet No.PD 60151-J
Description
The IPS031G/IPS032G are fully protected single/dual
low side SMART POWER MOSFETs that feature over-
current, over-temperature, ESD protection and drain
to source active clamp.These devices combine a
HEXFET® POWER MOSFET and a gate driver. They
offer full protection and high reliability required in
harsh environments. The driver allows short switch-
ing times and provides efficient protection by turning
off the power MOSFET when the temperature ex-
ceeds 165
oC or when the drain current reaches 12A.
The device restarts once the input is cycled. The
avalanche capability is significantly enhanced by the
active clamp and covers most inductive load demag-
netizations.
Product Summary
Rds(on)
70m
Ω (max)
V clamp
50V
Ishutdown
12A
Ton/Toff
1.5
µs
Typical Connection
S
Q
Load
D
S
control
IN
R in series
(if needed)
Logic signal
www.irf.com
1
Packages
8-Lead SOIC
IPS031G
16-Lead SOIC
IPS032G
(Dual)
(Refer to lead assignment for correct pin assignment)


Similar Part No. - IPS032G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
logo
Inchange Semiconductor ...
IPS031N03L ISC-IPS031N03L Datasheet
247Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPS031N03LG INFINEON-IPS031N03LG Datasheet
308Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.1 2010-04-07
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031S IRF-IPS031S Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS032G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS022G IRF-IPS022G Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS042G IRF-IPS042G Datasheet
92Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS042GTR IRF-IPS042GTR Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com