Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBHDLP71.32 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KRTBHDLP71.32
Description  DISPLIX E2020
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBHDLP71.32 Datasheet(HTML) 1 Page - OSRAM GmbH

  KRTBHDLP71.32 Datasheet HTML 1Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 2Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 3Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 4Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 5Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 6Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 7Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
KRTB HDLP71.32
DISPLIX E2020
Data Sheet
Version 
2017-07-04
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videowänden entwickelt worden. Die
4-lead common anode Technologie läßt eine
unahängige Ansteuerung aller Chips zu und
bietet dadurch eine additive Farbmischung.
Durch die kompakten Gehäuseabmaße ist es
bestens für Videowände mit hoher Auflösung
und geringem Pixelabstand geeignet.
Merkmale
• Gehäusetyp: SMT Gehäuse, Harzverguss
• Farbe: Rot/True Grün/Blau, 623 nm (rot),
524 nm (true grün), 470 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 4
• ESD-Festigkeit: 500V gemäß JESD22-C101
(CDM, Class III)
Hauptanwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 4-lead common anode
technology allows for an additive mixture of
color stimuli by independent driving of each
chip. Very compact package size fits best for
high resolution narrow pitch video walls.
Features
• package: SMT package, epoxy resin
• color: red/true green/ blue, 623 nm (red),
524 nm (true green), 470 nm (blue)
• Viewing angle: Lambertian Emitter (120°)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 4
• ESD-withstand voltage: 500V acc. to
JESD22-C101 (CDM, Class III)
Main Applications
• Indoor Video Walls
• full color display


Similar Part No. - KRTBHDLP71.32

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KRTB MSYSTEM-KRTB Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
logo
ams-OSRAM AG
KRTB AILMS1-5B5C-B1B12 AMSOSRAM-KRTB AILMS1-5B5C-B1B12 Datasheet
2Mb / 30P
Micro SIDELED® 3806
Version 1.5 2024-11-27
logo
M-System Co.,Ltd.
KRTB-111-B MSYSTEM-KRTB-111-B Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-B/Q MSYSTEM-KRTB-111-B/Q Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-C MSYSTEM-KRTB-111-C Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KRTBHDLP71.32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGRTG OSRAM-LRTBGRTG Datasheet
908Kb / 26P
DISPLIX Blackprint
KTHAVPA1.12 OSRAM-KTHAVPA1.12 Datasheet
919Kb / 22P
DISPLIX Oval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com