Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBHDLP71.32 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # KRTBHDLP71.32
Description  DISPLIX E2020
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBHDLP71.32 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button KRTBHDLP71.32 Datasheet HTML 10Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 11Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 12Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 13Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 14Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 15Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 16Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 17Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
KRTB HDLP71.32
2017-07-04
14
Relative Vorwärtsspannung
5) Seite 28
Relative Forward Voltage
5) page 28
V
F = VF - VF(25 °C) = f (Tj); IF = 10 mA (red)
Relative Vorwärtsspannung
5) Seite 28
Relative Forward Voltage
5) page 28
V
F = VF - VF(25 °C) = f (Tj); IF = 5 mA (blue)
Relative Vorwärtsspannung
5) Seite 28
Relative Forward Voltage
5) page 28
V
F = VF - VF(25 °C) = f (Tj); IF = 5 mA (true green)
KRTBHDLP71.32
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
ΔVF [V]
: red
KRTBHDLP71.32
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,10
-0,05
0,00
0,05
0,10
0,15
ΔVF [V]
: blue
KRTBHDLP71.32
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
ΔVF [V]
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com