Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBHDLP71.32 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KRTBHDLP71.32
Description  DISPLIX E2020
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBHDLP71.32 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KRTBHDLP71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 9Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 10Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 11Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 12Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 13Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 14Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 15Page - OSRAM GmbH KRTBHDLP71.32 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
KRTB HDLP71.32
2017-07-04
12
Relative Lichtstärke
5) 6) Seite 28
Relative Luminous Intensity
5) 6) page 28
I
V/IV(10 mA (red)) = f (IF); TS = 25 °C
Relative Lichtstärke
5) 6) Seite 28
Relative Luminous Intensity
5) 6) page 28
I
V/IV(5 mA (blue)) = f (IF); TS = 25 °C
Relative Lichtstärke
5) 6) Seite 28
Relative Luminous Intensity
5) 6) page 28
I
V/IV(5 mA (true green)) = f (IF); TS = 25 °C
KRTBHDLP71.32
IF [mA]
0
2
4
6
8
10
IV
IV(10mA)
: red
KRTBHDLP71.32
IF [mA]
0
2
4
6
8
IV
IV(5mA)
: blue
KRTBHDLP71.32
IF [mA]
0
1
2
3
4
5
6
IV
IV(5mA)
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com