Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4354
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 1 Page - Linear Technology

  LTC4354 Datasheet HTML 1Page - Linear Technology LTC4354 Datasheet HTML 2Page - Linear Technology LTC4354 Datasheet HTML 3Page - Linear Technology LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4354
1
4354f
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
The LTC
®4354 is a negative voltage diode-OR controller
that drives two external N-channel MOSFETs. It replaces
two Schottky diodes and the associated heatsink, saving
power and area. The power dissipation is greatly reduced
by using N-channel MOSFETs as the pass transistors.
Power sources can easily be ORed together to increase
total system power and reliability.
When first powered up, the MOSFET body diode conducts
the load current until the pass transistor is turned on. The
LTC4354 servos the voltage drop across the pass transis-
tors to ensure smooth transfer of current from one tran-
sistor to the other without oscillation.
The MOSFETs are turned off in less than 1µs whenever the
corresponding power source fails or is shorted. Fast turn-
off prevents the reverse current from reaching a level that
could damage the pass transistors.
A fault detection circuit with an open drain output capable
of driving an LED or opto-coupler indicates either MOSFET
short, MOSFET open or supply failed.
■ AdvancedTCA
® Systems
■ –48V Distributed Power Systems
■
Computer Systems/Servers
■ Telecom Infrastructure
■ Optical Networks
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Controls N-Channel MOSFETs
■ Replaces Power Schottky Diodes
■ 1µs Turn-off Time Limits Peak Fault Current
■ 80V Operation
■ Smooth Switchover Without Oscillation
■ No Reverse DC Current
■ Fault Output
■ Selectable Fault Thresholds
■ Available in 8-Pin (3mm × 2mm) DFN and 8-Pin SO
Packages
Negative Voltage
Diode-OR Controller
and Monitor
–48V Diode-OR
LTC4354
LOAD
DB
GA
DA
GB
VSS
VB = –48V
VA = –48V
–48V_RTN
FAULT
IRF3710
IRF3710
4354 TA01
VCC
33k
12k
2k
2k
LED
1µF
Power Dissipation vs Load Current
CURRENT (A)
0
0
1
2
3
4
6
5
2
46
4354 TA01b
810
DIODE (MBR10100)
FET (IRF3710)
POWER
SAVED
AdvancedTCA is a registered trademark of the PIC Industrial Computer Manufacturers Group.


Similar Part No. - LTC4354

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4354 LINER-LTC4354 Datasheet
291Kb / 24P
High Voltage Surge
LTC4354 LINER-LTC4354 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4354 LINER-LTC4354 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4354 LINER-LTC4354 Datasheet
195Kb / 14P
Negative Voltage Diode-OR Controller and Monitor
More results

Similar Description - LTC4354

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
Voltage Monitor and Reset Controller
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
Octal Positive/Negative Voltage Monitor
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
Negative Voltage Diode-OR Controller and Monitor
LTC2910 LINER-LTC2910_15 Datasheet
531Kb / 16P
Octal Positive/Negative Voltage Monitor
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4371 LINER-LTC4371 Datasheet
412Kb / 22P
Dual Negative Voltage Ideal Diode-OR Controller and Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com