Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4354
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4354 Datasheet HTML 2Page - Linear Technology LTC4354 Datasheet HTML 3Page - Linear Technology LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology LTC4354 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4354
6
4354f
TI I G DIAGRA
High availability systems often employ parallel-connected
power supplies or battery feeds to achieve redundancy
and enhance system reliability. ORing diodes have been a
popular means of connecting these supplies at the point of
load. The disadvantage of this approach is the significant
forward voltage drop and resulting efficiency loss. This
drop reduces the available supply voltage and dissipates
significant power. A desirable circuit would behave like
diodes but without the voltage drop and the resulting
power dissipation.
The LTC4354 is a negative voltage diode-OR controller
that drives two external N-channel MOSFETs as pass
transistors to replace ORing diodes. The MOSFETs are
connected together at the source pins. The common
source node is connected to the VSS pin which is the
negative supply of the device. It is also connected to the
positive inputs of the amplifiers that control the gates to
regulate the voltage drop across the pass transistors.
Using N-channel MOSFETs to replace Schottky diodes
reduces the power dissipation and eliminates the need for
costly heat sinks or large thermal layouts in high power
applications.
At power-up, the initial load current flows through the
body diode of the MOSFET and returns to the supply with
the lower terminal voltage. The associated gate pin will
immediately start ramping up and turn on the MOSFET.
The amplifier tries to regulate the voltage drop between the
source and drain connections to 30mV. If the load current
causes more than 30mV of drop, the gate rises to further
enhance the MOSFET. Eventually the MOSFET gate is
driven fully on and the voltage drop is equal to the RDS(ON)
• ILOAD.
When the power supply voltages are nearly equal, this
regulation technique ensures that the load current is
smoothly shared between them without oscillation. The
current level flowing through each pass transistor de-
pends on the RDS(ON) of the MOSFET and the output
impedance of the supplies.
In the case of supply failure, such as if the supply that is
conducting most or all of the current is shorted to the
return side, a large reverse current starts flowing through
the MOSFET that is on, from any load capacitance and
through the body diode of the other MOSFET, to the
second supply. The LTC4354 detects this failure condition
as soon as it appears and turns off the MOSFET in less than
1µs. This fast turn-off prevents the reverse current from
ramping up to a damaging level.
In the case where the pass transistor is fully on but the
voltage drop across it exceeds the fault threshold, the
FAULT pin goes high impedance. This allows an LED or
optocoupler to turn on indicating that one or both of the
pass transistors have failed.
The LTC4354 is powered from system ground through a
current limiting resistor. An internal shunt regulator that
can sink up to 20mA clamps the VCC pin to 11V above VSS.
A 1µF bypass capacitor across VCC and VSS pins filters
supply transients and supplies AC current to the device.
OPERATIO
4354 TD01
VDX – VSS
VGATE
tOFF
400mV
2V
–100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com