Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4354
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 2 Page - Linear Technology

  LTC4354 Datasheet HTML 1Page - Linear Technology LTC4354 Datasheet HTML 2Page - Linear Technology LTC4354 Datasheet HTML 3Page - Linear Technology LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4354
2
4354f
TOP VIEW
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
EXPOSED PAD (PIN 9)
CONNECTION TO PCB OPTIONAL
5
6
7
8
9
4
3
2
1
DA
VSS
VCC
GA
DB
FAULT
GB
VSS
ICC (100µs duration) ............................................. 50mA
Output Voltages
GA, GB ....................................... –0.3V to VCC + 0.3V
FAULT .................................................... –0.3V to 7V
Input Voltages
DA, DB .................................................. –0.3V to 80V
Input Current
DA, DB, Reverse Current ................................. 20mA
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 76°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4354CDDB
LTC4354IDDB
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Operating Temperature Range
LTC4354C ............................................... 0°C to 70°C
LTC4354I ............................................. –40°C to 85°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 150°C/W
LTC4354CS8
LTC4354IS8
1
2
3
4
8
7
6
5
TOP VIEW
DB
FAULT
GB
VSS
DA
VSS
VCC
GA
S8 PACKAGE
8-LEAD PLASTIC SO
DDB8 PART
MARKING
LBBK
LBMB
S8 PART
MARKING
4354
4354I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com