Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4354
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 5 Page - Linear Technology

  LTC4354 Datasheet HTML 1Page - Linear Technology LTC4354 Datasheet HTML 2Page - Linear Technology LTC4354 Datasheet HTML 3Page - Linear Technology LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4354
5
4354f
PI FU CTIO S
DA, DB (Pins 1, 8): Drain Voltage Sense Inputs. These
pins sense source-drain voltage drop across the N-Chan-
nel MOSFETs. An external resistor is recommended to
protect these pins from transient voltages exceeding 80V
in extreme fault conditions. For Kelvin sensing, connect
these pins as close to the drains as possible. Connect to
VSS if unused.
VCC (Pin 3): Positive Supply Voltage Input. Connect this
pin to the positive side of the supply through a resistor. An
internal shunt regulator that can sink up to 20mA typically
clamps VCC at 11V. Bypass this pin with a 1µF capacitor to
VSS.
GA, GB (Pins 4, 6): Gate Drive Outputs. Gate pins pull high
to 10V minimum, fully enhancing the N-Channel MOSFET,
when the load current creates more than 30mV of drop
across the FET. When the load current is small, the gates
are actively servoed to maintain a 30mV drop across the
MOSFET. If reverse current develops more than –60mV of
voltage drop across the MOSFET, the pins pull low to VSS
in less than 1µs. Quickly turning off the pass transistors
prevents excessive reverse currents. Leave the pins open
if unused.
VSS (Pins 2, 5): Negative Supply Voltage Input. This is the
device negative supply input and connects to the common
source connection of the N-Channel MOSFETs. It also
connects to the source voltage sense input of the servo
amplifiers. For Kelvin sensing, connect pin 5 as close to
the common source terminal of the MOSFETs as possible.
FAULT (Pin 7): Fault Output. Open drain output that
normally pulls the FAULT pin to VSS and shunts current to
turn off an external LED or optocoupler. In the fault
condition, where the pass transistor is fully on and the
voltage drop across it is higher than the fault threshold, the
FAULT pin goes high impedance, turning on the LED or
optocoupler. This indicates that one or both of the pass
transistors have failed open or failed short creating a cross
conduction current in between the two power supplies.
Connect to VSS if unused.
EXPOSED PAD (Pin 9): Exposed pad is common to VSS
and may be left open or connected to pins 2 and 5.
FU CTIO AL DIAGRA
DB
GB
DA
GA
30mV
BV = 11V
30mV
VSS
VCC
VSS
4354 FD01
VSS
FAULT
–
+
–
+
+
–
+
–
FAULT DETECTION
AMP B
AMP A
5
4
1
6
8
2
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com