Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4354CS8
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4354CS8 Datasheet HTML 3Page - Linear Technology LTC4354CS8 Datasheet HTML 4Page - Linear Technology LTC4354CS8 Datasheet HTML 5Page - Linear Technology LTC4354CS8 Datasheet HTML 6Page - Linear Technology LTC4354CS8 Datasheet HTML 7Page - Linear Technology LTC4354CS8 Datasheet HTML 8Page - Linear Technology LTC4354CS8 Datasheet HTML 9Page - Linear Technology LTC4354CS8 Datasheet HTML 10Page - Linear Technology LTC4354CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4354
7
4354f
APPLICATIO S I FOR ATIO
Input Power Supply
The power supply for the device is derived from –48_RTN
through an external current limiting resistor (RIN). An
internal shunt regulator clamps the voltage at VCC pin to
11V. A 1µF decoupling capacitor to VSS is recommended.
It also provides a soft-start to the part.
RIN should be chosen to accommodate the maximum
supply current requirement of 2mA at the expected input
operating voltage.
R
VV
I
IN
IN MIN
Z MAX
CC MAX
≤
−
()
()
(
)
()
The power dissipation of the resistor is calculated at the
maximum DC input voltage:
P
VV
R
IN MAX
CC MIN
IN
=
−
()
()
(
)
2
If the power dissipation is too high for a single resistor, use
multiple low power resistors in series instead of a single
high power component.
MOSFET SELECTION
The LTC4354 drives N-channel MOSFETs to conduct the
load current. The important features of the MOSFETs are
on-resistance RDS(ON), the maximum drain-source volt-
age VDSS, and the threshold voltage.
The gate drive for the MOSFET is guaranteed to be more
than 10V and less than 12V. This allows the use of
standard threshold voltage N-channel MOSFETs. An ex-
ternal zener diode can be used to clamp the potential at the
VCC pin to as low as 4.5V if the gate to source rated
breakdown voltage is less than 12V.
The maximum allowable drain-source voltage, V(BR)DSS,
must be higher than the supply voltages. If the inputs are
shorted, the full supply voltage will appear across the
MOSFETs.
The LTC4354 tries to servo the voltage drop across the
MOSFET to 30mV in the forward direction by controlling
the gate voltage and sends out a fault signal when the
voltage drop exceeds the 250mV fault threshold. The
RDS(ON) should be small enough to conduct the maximum
load current while not triggering a fault, and to stay within
the MOSFET’s power rating at the maximum load current
(I2 • RDS(ON)).
Fault Conditions
LTC4354 monitors fault conditions and turns on an LED or
optocoupler to indicate a fault. When the voltage drop
across the pass transistor is higher than the 250mV fault
threshold, the internal pull-down at the FAULT pin turns off
and allows the current to flow through the LED or
optocoupler. Conditions that cause high voltage across
the pass transistor include: short in the load circuitry,
excessive load current, FET open while conducting cur-
rent, and FET short on the channel with the higher supply
voltage. The fault threshold is internally set to 250mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com