Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4354CS8
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC4354CS8 Datasheet HTML 1Page - Linear Technology LTC4354CS8 Datasheet HTML 2Page - Linear Technology LTC4354CS8 Datasheet HTML 3Page - Linear Technology LTC4354CS8 Datasheet HTML 4Page - Linear Technology LTC4354CS8 Datasheet HTML 5Page - Linear Technology LTC4354CS8 Datasheet HTML 6Page - Linear Technology LTC4354CS8 Datasheet HTML 7Page - Linear Technology LTC4354CS8 Datasheet HTML 8Page - Linear Technology LTC4354CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4354
3
4354f
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: ICC is defined as the current level where the VCC voltage is lower
by 100mV from the value with 2mA of current.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. ICC = 5mA, VSS = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VZ
Internal Shunt Regulator Voltage
ICC = 5mA
●
10.25
11
11.75
V
∆VZ
Internal Shunt Regulator Load Regulation
ICC = 2mA to 10mA
200
300
mV
VCC
Operating Voltage Range
●
4.5
VZ
V
ICC
VCC Supply Current
VCC = (VZ – 0.1V), Note 2
●
1.2
2
mA
VCC = 5V
●
0.5
0.8
1.1
mA
VGATE
GATE Pins Output High Voltage
VCC = 10.25V
10
10.25
V
VCC = 5V
4.75
V
IGATE
GATE Pins Pull-Up Current
VSD = 60mV; VGATE = 5.5V
–15
–30
–60
µA
GATE Pins Pull-Down Current
VSD = 0V; VGATE = 5.5V
15
30
60
µA
∆VSD
Source Drain Sense Threshold Voltage
(VSS – VDX)
●
10
30
55
mV
∆VSD(FLT)
Source Drain Fault Detection Threshold
(VSS – VDX)
●
200
260
320
mV
tOFF
Gate Turn-Off Time in Fault Condition
CGATE = 3300pF; VGATE ≤ 2V; VOVERDR = 0.5V
0.7
1.2
µs
VFAULT
FAULT Pin Output Low
IFAULT = 5mA
●
200
400
mV
IFAULT
FAULT Pin Leakage Current
VFAULT = 5V
●
±1
µA
ID
Drain Pin Input Current
VDX = 0V
–3.5
–2.5
–1.5
µA
VDX = 80V
1.1
1.5
1.9
mA
Note 3: An internal shunt regulator limits the VCC pin to less than 12V
above VSS. Driving this pin to voltages beyond the clamp may damage the
part.
Note 4: All currents into pins are positive; all voltages are referenced to
VSS unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com