Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4354CS8
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4354CS8 Datasheet HTML 4Page - Linear Technology LTC4354CS8 Datasheet HTML 5Page - Linear Technology LTC4354CS8 Datasheet HTML 6Page - Linear Technology LTC4354CS8 Datasheet HTML 7Page - Linear Technology LTC4354CS8 Datasheet HTML 8Page - Linear Technology LTC4354CS8 Datasheet HTML 9Page - Linear Technology LTC4354CS8 Datasheet HTML 10Page - Linear Technology LTC4354CS8 Datasheet HTML 11Page - Linear Technology LTC4354CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4354
10
4354f
APPLICATIO S I FOR ATIO
–36V to –72V/20A High Current with Parallel FETs
3
LTC4354
DB
GA
DA
GB
VSS
VB = –48V
FAULT
M4
IRF3710
M3
IRF3710
4354 F03
VCC
3
R6
30k
RIN2
10k
R5
2k
R4
2k
D2
LED
CIN2
1µF
LTC4354
DB
GA
DA
GB
VSS
VA = –48V
–48V OUT
–48V_RTN
RTN
RTN
FAULT
M2
IRF3710
M1
IRF3710
VCC
R3
30k
RIN1
10k
R2
2k
R1
2k
D1
LED
CIN1
1µF
2, 5
6
14
8
7
2, 5
6
14
8
7
–12V Diode-OR Controller
LTC4354
LOAD
DB
GA
DA
GB
VSS
2, 5
6
14
8
VB = –12V
VA = –12V
GND
FAULT
M2
Si4862DY
3
7
M1
Si4862DY
4354 TA04
VCC
R3
10k
RIN
2k
IN754
BV = 6.8V
CIN
1µF
D1
LED
DZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com