Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4354CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4354CS8
Description  Negative Voltage Diode-OR Controller and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC4354CS8 Datasheet HTML 1Page - Linear Technology LTC4354CS8 Datasheet HTML 2Page - Linear Technology LTC4354CS8 Datasheet HTML 3Page - Linear Technology LTC4354CS8 Datasheet HTML 4Page - Linear Technology LTC4354CS8 Datasheet HTML 5Page - Linear Technology LTC4354CS8 Datasheet HTML 6Page - Linear Technology LTC4354CS8 Datasheet HTML 7Page - Linear Technology LTC4354CS8 Datasheet HTML 8Page - Linear Technology LTC4354CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4354
4
4354f
TYPICAL PERFOR A CE CHARACTERISTICS Specifications are at T
A = 25°C, ICC= 5mA, VSS= 0V
unless otherwise noted.
Shunt Regulator Voltage vs Input
Current
Shunt Regulator Voltage vs Input
Current at Temperature
Source Drain Sense Voltage vs
Supply Voltage
Source Drain Sense Voltage vs
Temperature
Gate Turn-Off Time vs
Temperature
Fault Threshold Voltage vs
Temperature
IGATE(UP) vs ∆VSD
Drain Pin Current vs Temperature
Drain Pin Current vs Temperature
ICC (mA)
0
11.0
20
4354 G01
10.0
11.5
10.5
10
5
15
12.0
TEMPERATURE (°C)
–50
11.4
11.0
10.6
11.2
10.8
–25
0
25
4354 G02
50
75
100
125
ICC = 10mA
ICC = 5mA
ICC = 2mA
VCC (V)
5
20
30
25
35
79
11
12
4354 G03
40
68
10
TEMPERATURE (°C)
–50
40
30
20
35
25
–25
0
25
4354 G04
50
75
100
125
TEMPERATURE (°C)
–50
740
700
660
720
680
–25
0
25
4354 G05
50
75
100
125
TEMPERATURE (°C)
–50
290
250
210
270
230
–25
0
25
4354 G06
50
75
100
125
∆VSD (mV)
30
100
40
60
0
80
20
40
50
60
4354 G07
70
80
90
TEMPERATURE (°C)
–50
–3.2
–2.8
–2.4
–3.0
–2.6
–25
0
25
4354 G08
50
75
100
125
VDX = 0V
TEMPERATURE (°C)
–50
1.60
1.50
1.55
1.45
1.40
–25
0
25
4354 G09
50
75
100
125
VDX = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com