Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DHTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 5Page - STMicroelectronics IIS2DHTR Datasheet HTML 6Page - STMicroelectronics IIS2DHTR Datasheet HTML 7Page - STMicroelectronics IIS2DHTR Datasheet HTML 8Page - STMicroelectronics IIS2DHTR Datasheet HTML 9Page - STMicroelectronics IIS2DHTR Datasheet HTML 10Page - STMicroelectronics IIS2DHTR Datasheet HTML 11Page - STMicroelectronics IIS2DHTR Datasheet HTML 12Page - STMicroelectronics IIS2DHTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DocID027668 Rev 2
9/49
IIS2DH
Block diagram and pin description
49
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2CS
SPI enable
I2C/SPI mode selection:
1: SPI idle mode / I2C communication enabled
0: SPI communication mode / I2C disabled
3
SDO
SA0
SPI serial data output (SDO)
I2C less significant bit of the device address (SA0)
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
Res
Connect to GND
6
GND
0 V supply
7
GND
0 V supply
8
GND
0 V supply
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
INT2
Interrupt pin 2
12
INT1
Interrupt pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com