Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DHTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 8Page - STMicroelectronics IIS2DHTR Datasheet HTML 9Page - STMicroelectronics IIS2DHTR Datasheet HTML 10Page - STMicroelectronics IIS2DHTR Datasheet HTML 11Page - STMicroelectronics IIS2DHTR Datasheet HTML 12Page - STMicroelectronics IIS2DHTR Datasheet HTML 13Page - STMicroelectronics IIS2DHTR Datasheet HTML 14Page - STMicroelectronics IIS2DHTR Datasheet HTML 15Page - STMicroelectronics IIS2DHTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Mechanical and electrical specifications
IIS2DH
12/49
DocID027668 Rev 2
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(c)
c. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(2)
1.71
Vdd+0.1
V
Idd
Current consumption
in normal mode
50 Hz ODR
11
μA
Idd
Current consumption
in normal mode
1 Hz ODR
2
μA
IddLP
Current consumption
in low-power mode
50 Hz ODR
6
μA
IddPdn
Current consumption
in power-down mode
0.5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
0.9*Vdd_IO
V
VOL
Low-level output voltage
0.1*Vdd_IO
V
Top
Operating temperature range
-40
+85
°C
1. Typical specification are not guaranteed.
2. It is possible to remove Vdd, maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com