Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DHTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 35Page - STMicroelectronics IIS2DHTR Datasheet HTML 36Page - STMicroelectronics IIS2DHTR Datasheet HTML 37Page - STMicroelectronics IIS2DHTR Datasheet HTML 38Page - STMicroelectronics IIS2DHTR Datasheet HTML 39Page - STMicroelectronics IIS2DHTR Datasheet HTML 40Page - STMicroelectronics IIS2DHTR Datasheet HTML 41Page - STMicroelectronics IIS2DHTR Datasheet HTML 42Page - STMicroelectronics IIS2DHTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID027668 Rev 2
39/49
IIS2DH
Register description
49
Table 50. FIFO_SRC_REG description
7.19
INT1_CFG (30h)
The content of this register is loaded at boot.
A write operation to this address is possible only after system boot.
WTM
WTM bit is set high when FIFO content exceeds watermark level.
OVRN_FIFO
OVRN bit is set high when FIFO buffer is full; this means that the FIFO buffer
contains 32 unread samples. At the following ODR a new sample set replaces the
oldest FIFO value. The OVRN bit is set to 0 when the first sample set has been
read.
EMPTY
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty.
FSS [4:0]
FSS [4:0] field always contains the current number of unread samples stored in the
FIFO buffer. When FIFO is enabled, this value increases at ODR frequency until
the buffer is full, whereas, it decreases every time one sample set is retrieved from
FIFO.
Table 51. INT1_CFG register
AOI
6D
ZHIE/
ZUPE
ZLIE/
ZDOWNE
YHIE/
YUPE
YLIE/
YDOWNE
XHIE/
XUPE
XLIE/
XDOWNE
Table 52. INT1_CFG description
AOI
And/Or combination of interrupt events. Default value: 0. Refer to Table 53
6D
6-direction detection function enabled. Default value: 0. Refer to Table 53
ZHIE/
ZUPE
Enable interrupt generation on Z high event or on direction recognition. Default value: 0
(0: disable interrupt request;1: enable interrupt request)
ZLIE/
ZDOWNE
Enable interrupt generation on Z low event or on direction recognition. Default value: 0
(0: disable interrupt request;1: enable interrupt request)
YHIE/
YUPE
Enable interrupt generation on Y high event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
YLIE/
YDOWNE
Enable interrupt generation on Y low event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
XHIE/
XUPE
Enable interrupt generation on X high event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
XLIE/
XDOWNE
Enable interrupt generation on X low event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
Table 53. Interrupt mode
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6-direction movement recognition
1
0
AND combination of interrupt events
1
1
6-direction position recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com