Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DHTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 31Page - STMicroelectronics IIS2DHTR Datasheet HTML 32Page - STMicroelectronics IIS2DHTR Datasheet HTML 33Page - STMicroelectronics IIS2DHTR Datasheet HTML 34Page - STMicroelectronics IIS2DHTR Datasheet HTML 35Page - STMicroelectronics IIS2DHTR Datasheet HTML 36Page - STMicroelectronics IIS2DHTR Datasheet HTML 37Page - STMicroelectronics IIS2DHTR Datasheet HTML 38Page - STMicroelectronics IIS2DHTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DocID027668 Rev 2
35/49
IIS2DH
Register description
49
7.8
CTRL_REG3 (22h)
7.9
CTRL_REG4 (23h)
Table 33. CTRL_REG3 register
I1_CLICK
I1_AOI1
I1_AOI2
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--
Table 34. CTRL_REG3 description
I1_CLICK
CLICK interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_AOI1
AOI1 interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_AOI2
AOI2 interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_DRDY1
DRDY1 interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_DRDY2
DRDY2 interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_WTM
FIFO watermark interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_OVERRUN
FIFO overrun interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
Table 35. CTRL_REG4 register
BDU
BLE(1)
1. The BLE function can be activated only in high-resolution mode
FS1
FS0
HR
ST1
ST0
SIM
Table 36. CTRL_REG4 description
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB
have been read)
BLE
Big/Little Endian data selection. Default value: 0
(0: data LSb at lower address; 1: data MSb at lower address)
The BLE function can be activated only in high-resolution mode
FS[1:0]
Full-scale selection. Default value: 00
(00: ±2 g; 01: ±4 g; 10: ±8 g; 11: ±16 g)
HR
Operating mode selection (refer to section 2.6.3: High-resolution, normal
mode, low-power mode)
ST[1:0]
Self-test enable. Default value: 00
(00: self-test disabled; other: see Table 37)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com