Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5593R Datasheet HTML 9Page - Analog Devices AD5593R Datasheet HTML 10Page - Analog Devices AD5593R Datasheet HTML 11Page - Analog Devices AD5593R Datasheet HTML 12Page - Analog Devices AD5593R Datasheet HTML 13Page - Analog Devices AD5593R Datasheet HTML 14Page - Analog Devices AD5593R Datasheet HTML 15Page - Analog Devices AD5593R Datasheet HTML 16Page - Analog Devices AD5593R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AD5593R
Data Sheet
Rev. C | Page 12 of 33
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
–6
–5
–4
–3
–2
–1
0
1
VDD = 3V/5V
Figure 12. ADC Bandwidth
DAC CODE
–1.0
–0.5
0
0.5
1.0
0
1024
2048
3072
4095
Figure 13. DAC INL
DAC CODE
–1.0
–0.5
0
0.5
1.0
0
1024
2048
3072
4095
Figure 14. DAC DNL
DAC CODE
–4
–2
0
2
4
0
1024
2048
3072
4095
Figure 15. DAC Adjacent Code Glitch
TIME (µs)
–10
0
10
20
2.490
2.495
2.500
2.505
2.510
Figure 16. DAC Digital to Analog Glitch (Rising)
TIME (µs)
–10
0
10
20
2.490
2.495
2.500
2.505
2.510
Figure 17. DAC Digital to Analog Glitch (Falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com