Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5593R Datasheet HTML 20Page - Analog Devices AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Data Sheet
AD5593R
Rev. C | Page 23 of 33
START BY
MASTER
ACK. BY
AD5593R
ACK. BY
AD5593R
SCL
(CONTINUED)
SDA
(CONTINUED)
SCL
(CONTINUED)
SDA
(CONTINUED)
SCL
(CONTINUED)
SDA
(CONTINUED)
FRAME 2
POINTER BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
SCL
SDA
W
D7
A0
0
0
1
0
0
0
D6
D5
D4
D3
D2
D1
D0
19
FRAME 3
LEAST SIGNIFICANT
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
19
D15
D14
D13
D12
D11
D10
D9
D8
FRAME 4
MOST SIGNIFICANT
DATA BYTE
FRAME 2
MOST SIGNIFICANT
DATA BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
REPEAT START
BY MASTER
ACK. BY
AD5593R
ACK. BY
MASTER
ACK. BY
MASTER
ACK. BY
MASTER
R
D15
A0
0
0
1
0
0
0
D14
D13
D12
D11
D10
D9
D8
19
ACK. BY
MASTER
FRAME 5
LEAST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
D7
D6
D5
D4
D3
D2
D1
D0
1ONLY APPLICABLE IF AN ADC SEQUENCE HAS BEEN SELECTED.
START OF ADC
CONVERSION1
Figure 37. I2C Block Read
POINTER BYTE
The pointer byte contains eight bits. Bits[D7:D4] are mode bits
that select the operation to be executed. The data contained in
Bits[D3:D0] depend on the operation required. Table 9 shows
the configuration of the pointer byte. When Bits[D7:D4] are
0b0000, the mode dependent bits (Bits[D3:D0]) select a control
register to write data to. The data written to a control register is
contained in the MSB and LSB as shown in Figure 34. The mode
dependent data bits also select which DAC is updated during a
DAC write operation and which register is selected for readback.
Table 9. Pointer Byte Configuration
D7
D6
D5
D4
D3
D2
D1
D0
Mode bits
Mode dependent data bits
Table 10. Mode Bits
D7
D6
D5
D4
Description
0
0
0
0
Configuration mode
0
0
0
1
DAC write
0
1
0
0
ADC readback
0
1
0
1
DAC readback
0
1
1
0
GPIO readback
0
1
1
1
Register readback
CONTROL REGISTERS
Table 11 shows the control register map for the AD5593R. The
control registers configure the I/O pins and set various
operating parameters in the AD5593R, such as enabling the
reference, selecting the LDAC mode function, or selecting
power-down modes. The control registers are written to using
the 4-byte I2C write sequence shown in Figure 34. To write to a
control register, the mode bits (Bits[D7:D4]) of the pointer byte
are zeros. The mode dependent data bits (Bits[D3:D0]) of the
pointer byte select which control register is to be accessed. The
data to be written to the control register is contained in the
most significant and least significant data bytes. These contain a
total of 16 bits and are shown as D15 to D0 in Table 12 and
Table 13. The contents of the control registers can be read back
using the read sequence shown in Figure 35 or Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com