Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices AD5593R Datasheet HTML 31Page - Analog Devices AD5593R Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Data Sheet
AD5593R
Rev. C | Page 27 of 33
ADC OPERATION
The ADC channels of the AD5593R operate as a traditional
multichannel ADC, where each serial transfer selects the next
channel for conversion. The user must write to the ADC
sequence register (see Table 19) to select the input channels to
be included in the conversion sequence before initiating any
conversions. This is done using the I2C write sequence shown in
Figure 34. When writing to the ADC sequence register, select
which channels are to be converted in sequence. The user can also
set the REP bit to have the ADC repeat conversions in the
sequence.
When the sequence register has been written to, the ADC begins to
track the first channel in the sequence. ADC data can be read
from the AD5593R using any of the three read operations shown
in Figure 35, Figure 36, and Figure 37, with the I2C block read
(Figure 37) being the most efficient.
If more than one channel is selected in the ADC sequence
register, the ADC converts all selected channels sequentially in
ascending order. Conversion is started by the rising edge of SCL
at the acknowledge (ACK) preceding the MSB (see Figure 37).
If the REP bit is set after all of the selected channels in the
sequence register have been converted, the ADC repeats the
sequence. If the REP bit is clear, the ADC clocks out the last
result on subsequent I2C reads. When ADC data is clocked out
by the serial interface, D15 = 0 to indicate that the result is ADC
data. D14 to D12 contain a 3-bit address to indicate which ADC
the data is coming from, and D11 to D0 contain the 12-bit ADC
result (see Table 20).
Figure 40 shows how to configure the AD5593R to perform
ADC conversions. In Step 1, I/O7 and I/O0 are configured as
ADCs. Step 2 writes to the ADC configuration register, sets the
REP bit, and selects ADC7 and ADC0 for inclusion in the
conversion sequence. Step 3 selects the ADCs for reading and
Step 4 begins reading the ADC results. The conversions are
repeated until a stop condition is given by the controller.
The ADC sequence can be changed by writing the new
sequence to the ADC sequence register when conversions are
not taking place. When a new sequence is written, any channels
remaining to be converted from the earlier sequence are
ignored and the ADC starts converting the first channel of the
new sequence.
To stop the ADC conversion sequence, clear the REP, TEMP,
and ADC7 to ADC0 bits in the ADC sequence register to 0.
Table 18. ADC Sequence Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
REP
TEMP
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
Table 19. ADC Sequence Register Descriptions
Bits
Description
D15 to D10
Reserved; set this bit to 0
D9
REP: ADC sequence repeat
0 = sequence repetition disabled (default)
1 = sequence repetition enabled
D8
TEMP: include temperature indicator in ADC sequence
0 = disable temperature indicator readback (default)
1 = enable temperature indicator readback
D7 to D0
Setting these bits to 1 includes the appropriate ADC in the conversion sequence; by default no channels are included
Table 20. ADC Data Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
ADC address
12-bit ADC data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com