Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5593R Datasheet HTML 18Page - Analog Devices AD5593R Datasheet HTML 19Page - Analog Devices AD5593R Datasheet HTML 20Page - Analog Devices AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Data Sheet
AD5593R
Rev. C | Page 21 of 33
SERIAL INTERFACE
The AD5593R has a 2-wire, I2C-compatible serial interface
(refer to The I2C -Bus Specification, Version 2.1, January 2000).
The AD5593R is connected to an I2C bus as a slave device
under the control of a master device. See Figure 2 for a timing
diagram of a typical write sequence. The AD5593R supports
standard mode (100 kHz) and fast mode (400 kHz). Support is
not provided for 10-bit addressing and general call addressing.
The AD5593R has a 7-bit slave address; its six MSBs are set to
001000. The LSB is set by the state of the A0 address pin, which
determines the state of the A0 bit. The facility to change the
logic level of the A0 pin before a read or write operation allows
the user to incorporate multiple AD5593R devices on one bus.
The 2-wire serial bus protocol operates as follows: the master
initiates data transfer by establishing a start condition when a
high-to-low transition on the SDA line occurs while SCL is
high. The following byte is the address byte, which consists of
the 7-bit slave address. The slave address corresponding to the
transmitted address responds by pulling SDA low during the
ninth clock pulse (this is termed the acknowledge bit). At this
stage, all other devices on the bus remain idle while the selected
device waits for data to be written to or read from its shift register.
Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
When all data bits have been read or written, a stop condition is
established.
In write mode, the master pulls the SDA line high during the
10th clock pulse to establish a stop condition. In read mode, the
master issues a no acknowledge for the ninth clock pulse (that
is, the SDA line remains high). The master brings the SDA line
low before the 10th clock pulse and then high during the 10th
clock pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD5593R, the user must begin with a start
command followed by an address byte R/W = 0), after which
the AD5593R acknowledges that it is prepared to receive data
by pulling SDA low. The AD5593R requires three bytes of data.
The first byte is the pointer byte. This byte contains information
defining the type of operation that is required of the AD5593R,
such as configuring the I/O pins and writing to a DAC. The pointer
byte is followed by the most significant byte and the least
significant byte, as shown in Figure 34. After these data bytes
are acknowledged by the AD5593R, a stop condition follows.
READ OPERATION
When reading data back from the AD5593R, the user begins
with a start command followed by an address byte (R/W = 0),
after which the DAC acknowledges that it is prepared to transmit
data by pulling SDA low. The pointer byte is then written to select
what is to be read back. A repeat start or a new I2C transmission
can then follow to read two bytes of data from the AD5593R.
Both bytes are acknowledged by the master, as shown in Figure 35.
It is also possible to perform consecutive readbacks without
having to provide interim start and stop conditions or slave
addresses. This method can be used to read blocks of
conversions from the ADC, as shown in Figure 37.
FRAME 2
POINTER BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
SCL
START BY
MASTER
ACK. BY
AD5593R
ACK. BY
AD5593R
ACK. BY
AD5593R
ACK. BY
AD5593R
SDA
R/W
D7
A0
0
0
1
0
0
0
D6
D5
D4
D3
D2
D1
D0
19
9
1
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 34. 4-Byte I2C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com