Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1135 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAS1135
Description  256-Channel, 24-Bit, Current-to-Digital ADC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1135 Datasheet(HTML) 1 Page - Analog Devices

  ADAS1135 Datasheet HTML 1Page - Analog Devices ADAS1135 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
256-Channel, 24-Bit,
Current-to-Digital ADC Module
Data Sheet
ADAS1135
Rev. Sp
C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However,
no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or
other rights of third parties that may result from its use. Specifications subject to change without
notice. No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of their respective
owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700 ©2015–201
7 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
256-channel, current-to-digital converter module
Up to 24-bit resolution
Variable integration time
Fastest integration time: 22.6 kSPS maximum
(44.2 μs minimum) at 20-bit resolution
Low power dissipation: 2.3 mW per channel at any
throughput
Integral linearity
±0.050% of reading, ±1.0 ppm of FSR: all channels active
Very low noise
Simultaneous sampling
No dead time, no loss of charge, 100% charge collection
User adjustable full-scale range
On-board temperature sensor and reference buffer
15 mm × 15 mm, CSP_BGA package
Simple printed circuit board (PCB) design
Integrated capacitors for supply and reference decoupling
0.80 mm pitch BGA allows low cost PCB technology
Support tools
Evaluation board
Reference design with reference layout
FPGA Verilog code
APPLICATIONS
Medical, industrial, and security CT scanner data acquisition
Photodiode sensors
Dosimetry and radiation therapy systems
Optical fiber power monitoring
X-ray detection systems
High channel count data acquisition systems (current or
voltage inputs)
GENERAL DESCRIPTION
The ADAS1135 is a 256-channel, current-to-digital, analog-to-
digital converter (ADC) module. It contains 256 low power, low
noise, low input current integrators, simultaneous sample-and-
holds, and two high speed, high resolution ADCs with configurable
sampling rate and resolutions of up to 24 bits. The signal chain
and sampling architecture of the ADAS1135 is designed to
guarantee that all channels are simultaneously sampled, and
that no charge is lost throughout the sampling process.
All converted channel results are output on a dual, low voltage
differential signaling (LVDS), self clocked serial interface,
which reduces external hardware.
An SPI-compatible serial interface allows configuration of the
ADC using the SDI_x input. The SDO_x output allows the
user to daisy-chain several ADCs on a single, 4-wire bus. The
ADAS1135 uses the separate supply, IOVDD, to reduce digital
noise effect on the conversions.
The ADAS1135 is in a 15 mm × 15 mm, CSP_BGA package.
For more information on the ADAS1135, contact Analog
Devices, Inc., at: adas@analog.com.
FUNCTIONAL BLOCK DIAGRAM
F
S/H
F
S/H
ADCL
+
AN0
AN127
F
S/H
F
S/H
ADCH
+
AN128
AN255
KGND
VT_x
DATA
PROCESSING
LVDS/CMOS
INTERFACE
TEMPERATURE
ADAS1135
2.5V
VDD2
1.8V
VDD1
3.3V
VDD3
TO NEXT SDI
SDI
SDO_x
REF
2.048V
SDI_x
FROM
PREVIOUS SDO
SDI
REF
CONFIGURATION
SCK
CS_x
DOUTx_x
CLKx
SYNC
IOVDD
RESET
GND
TO ALL ADCs
2.5V
FROM DOUT
OF OTHER ADCs
FPGA
VIO
Figure 1.


Similar Part No. - ADAS1135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
More results

Similar Description - ADAS1135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1127 AD-ADAS1127 Datasheet
55Kb / 2P
64-Channel,24-Bit Current-to-Digital ADC
Rev. Sp0
ADAS1128 AD-ADAS1128 Datasheet
75Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
ADAS1126 AD-ADAS1126 Datasheet
68Kb / 2P
32-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
ADAS1131 AD-ADAS1131 Datasheet
63Kb / 2P
256-Channel, 24-Bit Current-to-Digital ADC Module
Rev. Sp0
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
logo
Texas Instruments
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
logo
Analog Devices
ADAS1127 AD-ADAS1127_17 Datasheet
62Kb / 2P
64-Channel, 24-Bit Current-to-Digital ADC
ADAS1128 AD-ADAS1128_17 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
ADAS1134 AD-ADAS1134 Datasheet
129Kb / 3P
128-Channel, 24-Bit Current-to-Digital ADC
27-Oct-2017
logo
ams AG
AS5911 AMSCO-AS5911 Datasheet
613Kb / 10P
256-Channel Low Noise Current-to-Digital Converter
v1-00 2023-Jan-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com