Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1317 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1317
Description  Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1317 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1317 Datasheet HTML 1Page - IXYS Corporation CPC1317 Datasheet HTML 2Page - IXYS Corporation CPC1317 Datasheet HTML 3Page - IXYS Corporation CPC1317 Datasheet HTML 4Page - IXYS Corporation CPC1317 Datasheet HTML 5Page - IXYS Corporation CPC1317 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1317-R05
1
CPC1317
e3
Pb
Single-Pole OptoMOS® Relay
with Bidirectional Transient Protection
Part #
Description
CPC1317P
8-Pin Flatpack (50/tube)
CPC1317PTR
8-Pin Flatpack (1000/reel)
Parameter
Rating
Units
Blocking Voltage
70
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
16
LED Current to Operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Aerospace
• Industrial Controls
• Meets Requirements of EN50130-4
(Installation Class 3)
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
The CPC1317 is a single-pole, normally open
(1-Form-A) solid state relay with bi-directional
transient voltage suppressor (TVS) relay protection,
which is designed to meet the requirements of
EN50130-4 (installation class 3).
The relay output is constructed with efficient
MOSFET switches and photovoltaic die that
use IXYS Integrated Circuits Division's patented
OptoMOS architecture. The input, a highly efficient
GaAlAS infrared LED, controls the optically coupled
output.
The CPC1317 is available in an 8-pin, space-saving
surface-mount package.
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
Transient Protection Characteristics
Peak Pulse Power
V
WM
600W
40.2V
1
2
3
4
8
7
6
5
+ Control
– Control
TVS +/-
TVS -/+
Load
Load


Similar Part No. - CPC1317

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1317 CLARE-CPC1317 Datasheet
117Kb / 5P
Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
CPC1317P CLARE-CPC1317P Datasheet
117Kb / 5P
Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
CPC1317PTR CLARE-CPC1317PTR Datasheet
117Kb / 5P
Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
More results

Similar Description - CPC1317

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
CPC1317 CLARE-CPC1317 Datasheet
117Kb / 5P
Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
CPC1335 IXYS-CPC1335 Datasheet
120Kb / 6P
Single Pole OptoMOS? Relay with Bi-directional Transient Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com