Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1317 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1317
Description  Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1317 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1317 Datasheet HTML 1Page - IXYS Corporation CPC1317 Datasheet HTML 2Page - IXYS Corporation CPC1317 Datasheet HTML 3Page - IXYS Corporation CPC1317 Datasheet HTML 4Page - IXYS Corporation CPC1317 Datasheet HTML 5Page - IXYS Corporation CPC1317 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
CPC1317
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
5
6
7
8
9
10
11
12
On-Resistance vs. Temperature
(I
F=1mA, IL=50mA)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Typical Load Current
vs. Load Voltage
(I
F=1mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
84
86
88
90
92
94
Blocking Voltage vs. Temperature
(Pins 5 & 6)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
Leakage Current vs. Temperature
Measured Between Pins 5 & 6
(V
L=70V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
200
400
600
800
1000
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
45
46
47
48
49
50
51
52
TVS Diode Breakdown Voltage
vs. Temperature
(Pins 7 & 8)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
TVS Diode Leakage vs. Temperature
(Pins 7 & 8)
(V
L=40V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
TVS Derating Curve
Time ( s)
1
0
10
20
30
40
50
60
70
80
90
100
110
TVS Pulse Waveform 10/1000 ( s)
10
100
1000
104
105
106
Temperature (ºC)
-40
-20
0
20
40
60
80
100
120
125
130
135
140
145
150
155
Maximum Load Current
vs. Temperature
(I
F=1mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com