Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1317 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1317
Description  Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1317 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1317 Datasheet HTML 1Page - IXYS Corporation CPC1317 Datasheet HTML 2Page - IXYS Corporation CPC1317 Datasheet HTML 3Page - IXYS Corporation CPC1317 Datasheet HTML 4Page - IXYS Corporation CPC1317 Datasheet HTML 5Page - IXYS Corporation CPC1317 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1317
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
SSR Output Blocking Voltage
70
V
P
TVS Working Voltage, Maximum
40.2
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
SSR Output Power Dissipation 2
400
mW
TVS Peak Pulse Power
(I
PP=9.3A, 10/1000s pulse)
600
W
Isolation Voltage, Input to Output
3750
V
rms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous
-
I
L
-
-
150
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance 1
I
L=150mA, IF=1mA
R
ON
-7
16
Off-State Leakage Current
V
L=70VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
-
2.5
ms
Turn-Off
t
off
-
-
2.5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current to Activate 2
I
L=150mA
I
F
--
1
mA
Input Dropout Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Common Characteristics
Capacitance, Input to Output
-
C
I/O
-3
-
pF
1
Measurement taken within 1 second of turn-on time.
2
For applications requiring high temperature operation (> 60oC) a minimum LED drive current of 3mA is required.
SSR Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Clamping Voltage
I
PP=9.3A
V
C
-
-
66.5
V
Reverse Breakdown Voltage
I=1mA
V
BR
44.4
-
-
V
Reverse Leakage Current
V
WM=40.2V
I
L
--
5
A
TVS Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com