Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1317 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1317
Description  Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1317 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1317 Datasheet HTML 1Page - IXYS Corporation CPC1317 Datasheet HTML 2Page - IXYS Corporation CPC1317 Datasheet HTML 3Page - IXYS Corporation CPC1317 Datasheet HTML 4Page - IXYS Corporation CPC1317 Datasheet HTML 5Page - IXYS Corporation CPC1317 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1317
www.ixysic.com
3
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
75
85
95
105
80
90
100
Turn-On ( s)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA, TA=25ºC)
0.35
0.45
0.55
0.65
0.60
0.50
0.40
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA, TA=25ºC)
20
15
10
5
0
On-Resistance ( )
6.8
6.9
7.1
7.0
7.4
7.2
7.3
Typical On-Resistance Distribution
(N=50, I
L=100mA, TA=25ºC)
35
30
25
20
15
10
5
0
1.21
1.22
1.23
1.24
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
LED Current (mA)
0.12
0.14
0.16
0.18
0.20
0.22
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=100mA, TA=25ºC)
35
30
25
20
15
10
5
0
84
86
88
90
85
87
89
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=10mA
I
F=20mA
I
F=5mA
I
F=2mA
I
F=1mA
LED Forward Current (mA)
0
5
10
15
20
0
200
400
600
800
1000
1200
Typical Turn-On Time
vs. LED Forward Current
LED Forward Current (mA)
0
5
10
15
20
460
465
470
475
480
485
Typical Turn-Off Time
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.20
0.25
0.30
0.35
LED Current to Operate
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
Turn-On Time vs. Temperature
I
F=1mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
300
400
500
600
700
800
Turn-Off Time vs. Temperature
I
F=5mA
I
F=1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com