Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 5 Page - Analog Devices

  AD9874EB Datasheet HTML 1Page - Analog Devices AD9874EB Datasheet HTML 2Page - Analog Devices AD9874EB Datasheet HTML 3Page - Analog Devices AD9874EB Datasheet HTML 4Page - Analog Devices AD9874EB Datasheet HTML 5Page - Analog Devices AD9874EB Datasheet HTML 6Page - Analog Devices AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
REV. 0
AD9874
–5–
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
DOUTA
CLKOUT
VDDH
VDDD
AD9874
VREFN
PE
40
41
42
13
19
18
17
16
15
14
20 21 22 23 24
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
MXOP
Mixer Output, Positive
2MXON
Mixer Output, Negative
3
GNDF
Ground for Front End of ADC
4IF2N
Second IF Input (to ADC), Negative
5
IF2P
Second IF Input (to ADC), Positive
6
VDDF
Positive Power Supply for Front End of ADC
7
GCP
Filter Capacitor for ADC Full-Scale Control
8
GCN
Full-Scale Control Ground
9
VDDA
Positive Power Supply for ADC Back End
10
GNDA
Ground for ADC Back End
11
VREFP
Voltage Reference, Positive
12
VREFN
Voltage Reference, Negative
13
RREF
Reference Resistor: Requires 100 k
Ω to
GNDA
14
VDDQ
Positive Power Supply for Clock Synthesizer
15
IOUTC
Clock Synthesizer Charge Pump Output
Current
16
GNDQ
Ground for Clock Synthesizer Charge
Pump
17
VDDC
Positive Power Supply for Clock Synthesizer
18
GNDC
Ground for Clock Synthesizer
19
CLKP
Sampling Clock Input/Clock VCO Tank,
Positive
20
CLKN
Sampling Clock Input/Clock VCO Tank,
Negative
21
GNDS
Substrate Ground
22
GNDD
Ground for Digital Functions
23
PC
Clock Input for SPI Port
24
PD
Data I/O for SPI Port
25
PE
Enable Input for SPI Port
26
VDDD
Positive Power Supply for Internal Digital
Functions
27
VDDH
Positive Power Supply for Digital Interface
28
CLKOUT
Clock Output for SSI Port
29
DOUTA
Data Output for SSI Port
30
DOUTB
Data Output for SSI Port (Inverted) or
SPI Port
31
FS
Frame Sync for SSI Port
32
GNDH
Ground for Digital Interface
33
SYNCB
Resets SSI and Decimator Counters;
Active Low
34
GNDS
Substrate Ground
35
FREF
Reference Frequency Input for Both
Synthesizers
36
GNDL
Ground for LO Synthesizer
37
GNDP
Ground for LO Synthesizer Charge Pump
38
IOUTL
LO Synthesizer Charge Pump Output
Current Charge Pump
39
VDDP
Positive Power Supply for LO Synthesizer
Charge Pump
40
VDDL
Positive Power Supply for LO Synthesizer
41
CXVM
External Filter Capacitor; DC Output of LNA
42
LON
LO Input to Mixer and LO Synthesizer,
Negative
43
LOP
LO Input to Mixer and LO Synthesizer,
Positive
44
CXVL
External Bypass Capacitor for LNA Power
Supply
45
GNDI
Ground for Mixer and LNA
46
CXIF
External Capacitor for Mixer V-I Converter
Bias
47
IFIN
First IF Input (to LNA)
48
VDDI
Positive Power Supply for LNA and Mixer
Pin
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com