Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 3Page - Analog Devices AD9874EB Datasheet HTML 4Page - Analog Devices AD9874EB Datasheet HTML 5Page - Analog Devices AD9874EB Datasheet HTML 6Page - Analog Devices AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices AD9874EB Datasheet HTML 10Page - Analog Devices AD9874EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
REV. 0
AD9874
–7–
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = VDDx, VDDQ = VDDP = 5.0 V,
fCLK = 18 MSPS, fIF = 109.56 MHz, fLO = 107.4 MHz,
TA = 25 C, LO = –5 dBm, LO and CLK Synthesizer Disabled, 16-Bit Data with AGC and DVGA enabled, unless otherwise noted.)
1
NOISE FIGURE – dB
100
7.2
7.5
7.8
8.1
8.4
8.7
9.0
80
60
40
20
0
–40 C
+25 C
+85 C
TPC 1a. CDF of SSB Noise Figure
(VDDx = 3.0 V, High Bias2)
IIP3 – dBm
100
–3
80
60
40
20
0
–2
–1
0
1
2
–40 C
+25 C
+85 C
TPC 2a. CDF of IIP3 (VDDx = 3.0 V,
High Bias2)
DYNAMIC RANGE – dB
100
92
80
60
40
20
0
–40 C
+85 C
+25 C
93
94
95
96
97
98
TPC 3a. CDF of Dynamic Range
(VDDx = 3.0 V, High Bias2)
Typical Performance Characteristics–
VDDx – V
9.5
2.7
3.0
3.3
3.6
6.0
9.0
8.5
8.0
7.5
7.0
6.5
+85 C
+25 C
–40 C
TPC 1b. SSB Noise Figure vs. Supply
(High Bias2)
VDDx – V
1.5
2.7
3.0
3.3
3.6
–3.5
+85 C
+25 C
–40 C
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
TPC 2b. IIP3 vs. Supply (High Bias2)
VDDx – V
98
2.7
3.0
3.3
3.6
92
97
96
95
94
93
–40 C
+85 C
+25 C
TPC 3b. Dynamic Range vs. Supply
(High Bias2)
VDDx – V
9.5
2.7
3.0
3.3
3.6
6.0
9.0
8.5
8.0
7.5
7.0
6.5
+85 C
+25 C
–40 C
TPC 1c. SSB Noise Figure vs. Supply
(Low Bias3)
VDDx – V
0
2.7
3.0
3.3
3.6
–12
+85 C
+25 C
–40 C
–10
–8
–6
–4
–2
TPC 2c. IIIP3 vs. Supply (Low Bias3)
VDDx – V
98
2.7
3.0
3.3
3.6
92
97
96
95
94
93
–40 C
+85 C
+25 C
TPC 3c. Dynamic Range vs. Supply
(Low Bias3)
1Data taken with Toko FSLM series 10
µH inductors
2High Bias corresponds to LNA_Mixer Setting of 33 in SPI Register 0x01
3Low Bias corresponds to LNA_Mixer Setting of 12 in SPI Register 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com