Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 6Page - Analog Devices AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices AD9874EB Datasheet HTML 10Page - Analog Devices AD9874EB Datasheet HTML 11Page - Analog Devices AD9874EB Datasheet HTML 12Page - Analog Devices AD9874EB Datasheet HTML 13Page - Analog Devices AD9874EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
–10–
AD9874
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = VDDx, VDDQ = VDDP = 5.0 V,
fCLK = 18 MSPS, fIF = 109.56 MHz, fLO = 107.4 MHz,
TA = 25 C, LO = –5 dBm, LO and CLK Synthesizer Disabled, 16-Bit Data with AGC and DVGA enabled, unless otherwise noted.)
1
CHANNEL BANDWIDTH – kHz
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
I/Q DATA
16-BIT
I/Q DATA
16-BIT
I/Q DATA
w/ DVGA
ENABLED
TPC 10a. Noise Figure vs. BW (Mini-
mum Attenuation, fCLK = 13 MSPS)
VGA ATTENUATION – dB
11.5
0
7.0
12
6
9
3
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
BW = 6.78kHz
(K = 0, M = 15)
BW = 12.04kHz
(K = 0, M = 8)
BW = 27.08kHz
(K = 0, M = 3)
TPC 11a. Noise Figure vs. VGA
Attenuation (fCLK = 13 MSPS)
IFIN – dBm
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
LOW BIAS
PIN
HIGH BIAS
–5
–30
–10
–15
–20
–25
–40
–35
–45
TPC 12a. IMD vs. IFIN (fCLK = 13 MSPS)
CHANNEL BANDWIDTH – kHz
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT DATA
16-BIT DATA
16-BIT DATA
w/ DVGA
ENABLED
TPC 10b. Noise Figure vs. BW (Mini-
mum Attenuation, fCLK = 18 MSPS)
VGA ATTENUATION – dB
14
0
7
12
6
9
3
13
12
11
10
9
8
BW = 15kHz
(K = 0, M = 9)
BW = 50kHz
(K = 0, M = 2)
BW = 75kHz
(K = 0, M = 1)
TPC 11b. Noise Figure vs. VGA
Attenuation (fCLK = 18 MSPS)
IFIN – dBm
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
LOW BIAS
PIN
HIGH BIAS
–5
–30
–10
–15
–20
–25
–40
–35
–45
TPC 12b. IMD vs. IFIN (fCLK = 18 MSPS)
CHANNEL BANDWIDTH – kHz
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT DATA
16-BIT DATA
16-BIT DATA
w/ DVGA
ENABLED
TPC 10c. Noise Figure vs. BW (Mini-
mum Attenuation, fCLK = 26 MSPS)
VGA ATTENUATION – dB
14
0
7
12
6
9
3
13
12
11
10
9
8
BW = 27.08kHz
(K = 1, M = 9)
BW = 90.28kHz
(K = 1, M = 2)
BW = 135.42kHz
(K = 1, M = 1)
TPC 11c. Noise Figure vs. VGA
Attenuation (fCLK = 26 MSPS)
IFIN – dBm
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
LOW BIAS
PIN
HIGH BIAS
–5
–30
–10
–15
–20
–25
–40
–35
–45
TPC 12c. IMD vs. IFIN (fCLK = 26 MSPS)
1Data taken with Toko FSLM series 10
µH inductors
2High Bias corresponds to LNA_Mixer Setting of 33 in SPI Register 0x01
3Low Bias corresponds to LNA_Mixer Setting of 12 in SPI Register 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com