Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 12Page - Analog Devices AD9874EB Datasheet HTML 13Page - Analog Devices AD9874EB Datasheet HTML 14Page - Analog Devices AD9874EB Datasheet HTML 15Page - Analog Devices AD9874EB Datasheet HTML 16Page - Analog Devices AD9874EB Datasheet HTML 17Page - Analog Devices AD9874EB Datasheet HTML 18Page - Analog Devices AD9874EB Datasheet HTML 19Page - Analog Devices AD9874EB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
REV. 0
–16–
AD9874
FS
DOUT
CLKOUT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I0
Q15
Q14
Q0
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC = 0
I15
I0
Q15
Q14
Q0
RSSI0
ATTEN6
ATTN7
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I0
Q15
Q14
Q0
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 0, EAGC = 0: AS ABOVE, BUT FS IS LOW
IDLE (HIGH) BITS
START
BIT
START
BIT
STOP
BIT
STOP
BIT
START
BIT
HI-Z
I15
I8
I7
I0
Q15
Figure 3a. SSI Timing for Several SSICRA Settings with 16-Bit I/Q Data
Table IV. Number of Bits per Frame for Different
SSICR Settings
Number of Bits
DW
EAGC
EFS
AAGC
per Frame
0 (16-bit)
0
0
NA
32
01
NA
49
*
10
0
48
10
1
40
11
0
69
*
11
1
59
*
1 (24-bit)
0
0
NA
48
01
NA
69
*
10
0
64
10
1
56
11
0
89
*
11
1
79
*
*The number of bits per frame with embedded frame sync (EFS = 1) assume at
least 10 idle bits are desired.
The maximum SSIORD setting can be determined by the
following equation:
SSIORD
TRUNC Dec Factor
of Bits per Frame
≤
{(
.
) / (#
)}(1)
where TRUNC is the truncated integer value.
Table IV lists the number of bits within a frame for 16-bit and
24-bit output data formats for all of the different SSICR settings.
The decimation factor is determined by the contents of
Register 0x07.
An example helps illustrate how the maximum SSIORD setting
is determined. Suppose a user selects a decimation factor of 600
(Register 0x07, K = 0, M = 9) and prefers a 3-wire interface
with a dedicated frame sync (EFS = 0) containing 24-bit data
(DW = 1) with nonalternating embedded AGC data included
(EAGC = 1, AAGC = 0). Referring to Table IV, each frame will
consist of 64 data bits. Using Equation 1, the maximum
SSIORD setting is 9 (= TRUNC(600/64)). Thus, the user can
select any SSIORD setting between 1 and 9.
Figure 3a illustrates the output timing of the SSI port for several
SSI control register settings with 16-bit I/Q data, while Figure 3b
shows the associated timing parameters. Note, the same timing
relationship holds for 24-bit I/Q data, with the exception that I and
Qword lengths now become 24 bits. In the default mode of the
operation, data is shifted out on rising edges of CLKOUT after a
pulse equal to a clock period is output from the Frame Sync (FS)
Pin. As described above, the output data consists of a 16- or 24-bit
I sample followed by a 16- or 24-bit Q sample, plus two optional
bytes containing AGC and status information.
FS
DOUT
I15
I14
CLKOUT
tV
tCLK
tHI
tLOW
t
DV
Figure 3b. Timing Parameters for SSI Timing*
*Timing parameters also apply to inverted CLKOUT or FS modes with t DV
relative to the falling edge of the CLK and/or FS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com