Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 68Page - STMicroelectronics ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
72/220
DocID027603 Rev 4
Table 34. LOCK_CFG(1)
RF
Command
Read Configuration (cmd code A0h) @0Fh
Write Configuration (cmd code A1h) @0Fh
Type
R always, W if RF configuration security session is open and configuration not
locked
I2C
Address
E2 = 1, 000Fh
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory
Value
b0
LCK_CFG
0: Configuration is unlocked
1: Configuration is locked
0b
b7-b1
RFU
-
0000000b
1. Refer to Table 8: System configuration memory map for the LOCK_CFG register.
Table 35. I2C_PWD(1)
RF
Command
No access
Type
I2C
Address
E2 = 1, 0900h to 0907h, Present/Write password command format.
Type
R if I2C security session is open, W if I2C security session is open
I2C
Address
Bit
Name
Function
Factory
Value
0900h
b7-b0
I2C_PWD
Byte 7 (MSB) of password for I2C security session
00h
0901h
b7-b0
Byte 6 of password for I2C security session
00h
0902h
b7-b0
Byte 5 of password for I2C security session
00h
0903h
b7-b0
Byte 4 of password for I2C security session
00h
0904h
b7-b0
Byte 3 of password for I2C security session
00h
0905h
b7-b0
Byte 2 of password for I2C security session
00h
0906h
b7-b0
Byte 1 of password for I2C security session
00h
0907h
b7-b0
Byte 0 (LSB) of password for I2C security session
00h
1. Refer to Table 8: System configuration memory map for the I2C_PWD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com