Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics ST25DV64K Datasheet HTML 77Page - STMicroelectronics ST25DV64K Datasheet HTML 78Page - STMicroelectronics ST25DV64K Datasheet HTML 79Page - STMicroelectronics ST25DV64K Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
76/220
DocID027603 Rev 4
The dedicated password commands in RF mode are:
•
Write Password command (code B1h): see Section 7.6.35: Write Password.
•
Present Password command (code B3h): see Section 7.6.36: Present Password.
RF user possible actions for security sessions are:
•
Open RF user security session: Present Password command, with password number
1, 2 or 3 and the valid corresponding password
•
Write RF password: Present Password command, with password number (0, 1, 2 or 3)
and the current valid corresponding password. Then Write Password command, with
same password number (0, 1, 2 or 3) and the new corresponding password.
•
Close RF user security session: Present Password command, with a different
password number than the one used to open session or any wrong password. Or
remove tag from RF field (POR).
•
Open RF configuration security session: Present Password command, with
password number 0 and the valid password 0.
•
Close RF configuration security session: Present Password command, with a
password number different than 0, or password number 0 and wrong password 0. Or
remove tag from RF field (POR).
Opening any new RF security session (user or configuration) automatically close the
previously open one (even if it fails).
There is no interaction between I2C and RF security sessions. Both are independent, and
can run in parallel.
Caution:
If ST25DVxxx is powered through VCC, removing VCC or setting LPD high during a RF
command can abort the command. As a consequence, before writing a new password, RF
user should check if VCC is ON, by reading EH_CTRL_Dyn register bit 3 (VCC_ON), and
eventually ask host to maintain or to shut down VCC, and not change voltage applied on
LPD while issuing the Write Password command in order to avoid password corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com