Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics ST25DV64K Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 220 page
background image
DocID027603 Rev 4
73/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Table 36. RF_PWD_0(1)
RF
Command
Present Password (cmd code B3h)
Write Password (cmd code B1h)
Type
WO if RF configuration security session is open
I2C
Address
No access
Type
Bit
Name
Function
Factory
Value
b7-b0
RF_PWD_0
Byte 0 (LSB) of password for RF configuration security session
00h
b7-b0
Byte 1 of password for RF configuration security session
00h
b7-b0
Byte 2 of password for RF configuration security session
00h
b7-b0
Byte 3 of password for RF configuration security session
00h
b7-b0
Byte 4 of password for RF configuration security session
00h
b7-b0
Byte 5 of password for RF configuration security session
00h
b7-b0
Byte 6 of password for RF configuration security session
00h
b7-b0
Byte 7 (MSB) of password for RF configuration security session
00h
1. Refer to Table 8: System configuration memory map for the RF_PWD_0 register.
Table 37. RF_PWD_1(1)
RF
Command
Present Password (cmd code B3h)
Write Password (cmd code B1h)
Type
WO if RF configuration security session is open with RF password 1
I2C
Address
No access
Type
Bit
Name
Function
Factory
Value
b7-b0
RF_PWD_1
Byte 0 (LSB) of password 1 for RF user security session
00h
b7-b0
Byte 1 of password 1 for RF user security session
00h
b7-b0
Byte 2 of password 1 for RF user security session
00h
b7-b0
Byte 3 of password 1 for RF user security session
00h
b7-b0
Byte 4 of password 1 for RF user security session
00h
b7-b0
Byte 5 of password 1 for RF user security session
00h
b7-b0
Byte 6 of password 1 for RF user security session
00h
b7-b0
Byte 7 (MSB) of password 1 for RF user security session
00h
1. Refer to Table 8: System configuration memory map for the RF_PWD_1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com