Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 28Page - STMicroelectronics ST25DV64K Datasheet HTML 29Page - STMicroelectronics ST25DV64K Datasheet HTML 30Page - STMicroelectronics ST25DV64K Datasheet HTML 31Page - STMicroelectronics ST25DV64K Datasheet HTML 32Page - STMicroelectronics ST25DV64K Datasheet HTML 33Page - STMicroelectronics ST25DV64K Datasheet HTML 34Page - STMicroelectronics ST25DV64K Datasheet HTML 35Page - STMicroelectronics ST25DV64K Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 220 page
background image
Memory management
ST25DV04K ST25DV16K ST25DV64K
32/220
DocID027603 Rev 4
In I2C static registers located in the system configuration area can be accessed with I2C
read and write commands with device select E2=1. Readable system areas could be read in
continuity.
I2C security session must first be open, by presenting a valid I2C password, to grant write
access to system configuration registers.
Table 8 shows the complete map of the system configuration area, as seen by RF and I2C
interface.
Table 8. System configuration memory map
RF access
Static Register
I2C access
Address
Type
Name
Function
Device
select
Address Type
00h
RW(1)
Table 18: GPO
Enable/disable ITs on GPO
E2=1
0000h
RW(2)
01h
RW(1)
Table 19: IT_TIME
Interruption pulse duration
E2=1
0001h
RW(2)
02h
RW(1)
Table 23: EH_MODE
Energy Harvesting default
strategy after Power ON
E2=1
0002h
RW(2)
03h
RW(1)
Table 26: RF_MNGT
RF interface state after
Power ON
E2=1
0003h
RW(2)
04h
RW(1)
Table 28: RFA1SS
Area1 RF access
protection
E2=1
0004h
RW(2)
05h
RW(1)
Table 5: ENDA1
Area 1 ending point
E2=1
0005h
RW(2)
06h
RW(1)
Table 29: RFA2SS
Area2 RF access
protection
E2=1
0006h
RW(2)
07h
RW(1)
Table 6: ENDA2
Area 2 ending point
E2=1
0007h
RW(2)
08h
RW(1)
Table 30: RFA3SS
Area3 RF access
protection
E2=1
0008h
RW(2)
09h
RW(1)
Table 7: ENDA3
Area 3 ending point
E2=1
0009h
RW(2)
0Ah
RW(1)
Table 31: RFA4SS
Area4 RF access
protection
E2=1
000Ah
RW(2)
No access
Table 32: I2CSS
Area 1 to 4 I2C access
protection
E2=1
000Bh
RW(2)
N/A
R(3)W(4)
Table 33: LOCK_CCFILE
Blocks 0 and 1 RF Write
protection
E2=1
000Ch
RW(2)
0Dh
RW(1)
Table 11: MB_MODE
Fast transfer mode state
after power ON
E2=1
000Dh
RW(2)
0Eh
RW(1)
Table 12: MB_WDG
Maximum time before the
message is automatically
released
E2=1
000Eh
RW(2)
0Fh
RW(1)
Table 34: LOCK_CFG
Protect RF Write to system
configuration registers
E2=1
000Fh
RW(2)
N/A
WO(5)
Table 42: LOCK_DSFID
DSFID lock status
E2=1
0010h
RO
NA
WO(6)
Table 43: LOCK_AFI
AFI lock status
E2=1
0011h
RO
N/A
RW(5)
Table 44: DSFID
DSFID value
E2=1
0012h
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com