Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 2Page - STMicroelectronics STA1095 Datasheet HTML 3Page - STMicroelectronics STA1095 Datasheet HTML 4Page - STMicroelectronics STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics STA1095 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
System description
STA1080, STA1085, STA1090, STA1095
6/13
DocID028279 Rev 1
2.7
Secure CAN subsystem
Accordo2 family devices allow isolating critical code from main application by implementing
a dedicated subsystem based on ARM Cortex-M3, along with:
256 KB dedicated embedded SRAM
Dedicated embedded SRAM
CAN controller
Dedicated GPIOs
In order to guarantee security of CAN network, it can be completely isolated from the rest of
the system, in such a way that no application running on Cortex-R4 can access by any
mean to CAN specific resources. The secure sub-system communicates with the
application running on Cortex-R4 using a Hardware Mailbox interrupt based mechanism.
A specific set of peripherals can be reserved and locked to be only accessible from
CortexM3, thus allowing a complete independent subsystem. In addition to that, specific
secure GPIOs as well as wake signals are reserved to such system.
2.8
General purpose ADC
Accordo2 family devices have general purpose ADCs with a resolution of 10-bits.
2.9
GPIOs
Accordo2 family devices have GPIOs which can be independently configured either as
INPUT or OUTPUT. In order to make the system flexible, these IOs are multiplexed on PINs
with other peripherals.
2.10
Generic interfaces
2.10.1
UARTS
Programmable baud rates up to3Mbps
Hardware Flow control
DMA capability
2.10.2
I2Cs
Master/slave modes in multi-master environment
Multiple baud rates supported: 100/400/1000/3400 Kbits/s
DMA capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com