Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 3 Page - STMicroelectronics

  STA1095 Datasheet HTML 1Page - STMicroelectronics STA1095 Datasheet HTML 2Page - STMicroelectronics STA1095 Datasheet HTML 3Page - STMicroelectronics STA1095 Datasheet HTML 4Page - STMicroelectronics STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID028279 Rev 1
3/13
STA1080, STA1085, STA1090, STA1095
Description
13
1
Description
Accordo2 is a family of devices that provide a cost effective microprocessor solution for
modern automotive car radio systems, with an embedded powerful Digital Sound
Processing subsystem, as well as a MIPS efficient ARM Cortex-R4 processor.
In addition, an ARM Cortex-M3 controller is dedicated for real-time CAN / Vehicle Interface
Processing.
In terms of peripherals, Accordo2 family devices come with an exhaustive set of common
interfaces (UART/I2S/I2C/USB/MMC) which make the device optimal for implementing a
feature rich system as well as a cost effective solution.
The solution is bundled with a complete software package, which allows a very fast system
implementation.
Accordo2 family devices manage the entire audio chain from analog or digital inputs to
analog or digital outputs, including digital audio media decoding, sample rate conversion
among various sources, intelligent routing and audio effects / DSP post processing. With its
flexible memory configuration, it allows implementing from very low cost systems based on
real time OS, scaling up to demanding applications based on Linux OS.
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com